Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-16 Datasheet (PDF) - Micro Commercial Components

Part # BC817-16
Description  NPN Small Signal Transistor 310mW
File Size   384.32 Kbytes
Html View  1   2   3   4 
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC817-16 Datasheet (PDF) - Micro Commercial Components



Similar Part No. - BC817-16_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
NPN Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
300mW, NPN Small Signal Transistor
logo
SHENZHEN YONGERJIA INDU...
BC817-16 WINNERJOIN-BC817-16_15 Datasheet
225Kb / 2P
NPN EPTTAXIAL SILICON TRANSISTOR
logo
Diodes Incorporated
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 21
More results


Similar Description - BC817-16_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16 Datasheet
255Kb / 3P
NPN Small Signal Transistor 310mW
BC846A MCC-BC846A Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_08 Datasheet
243Kb / 4P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A_11 Datasheet
201Kb / 3P
PNP Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
NPN Small Signal Transistor 310mW
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com