Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC794LP3E Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC794LP3E
Description  2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
File Size   818.21 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC794LP3E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC794LP3E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
logo
Analog Devices
HMC794LP3E AD-HMC794LP3E Datasheet
774Kb / 10P
Military Applications
More results


Similar Description - HMC794LP3E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
PE1520 PASTERNACK-PE1520 Datasheet
390Kb / 2P
Low Noise Amplifier 2 ??4 GHz
PE2039 PASTERNACK-PE2039 Datasheet
83Kb / 1P
N FEMALE POWER DIVIDER, FREQUENCY RANGE:1-2 GHz 4 OUTPUT PORTS
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com