Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

410MS8GE Datasheet (PDF) - Hittite Microwave Corporation

Part # 410MS8GE
Description  GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
File Size   489.31 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

410MS8GE Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 410MS8GE

ManufacturerPart #DatasheetDescription
logo
Morse Mfg. Co., Inc.
410M MORSE-410M Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
logo
Sealevel Systems, Inc.
410M SEALEVEL-410M Datasheet
648Kb / 2P
RS-485 Modbus RTU Interface to 16 Isolated Inputs / 16 Reed Relay Outputs
logo
Morse Mfg. Co., Inc.
410M-114 MORSE-410M-114 Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
410M-124 MORSE-410M-124 Datasheet
1Mb / 3P
Heavy-Duty Hydra-Lift Karriers
23 Dec, 2021
More results


Similar Description - 410MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC410MS8G HITTITE-HMC410MS8G Datasheet
214Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Hittite Microwave Corpo...
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8_08 Datasheet
263Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC219AMS8 HITTITE-HMC219AMS8 Datasheet
565Kb / 6P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 9 GHz
HMC316MS8 HITTITE-HMC316MS8_08 Datasheet
206Kb / 6P
GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC663LC3 HITTITE-HMC663LC3_10 Datasheet
524Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 GHz
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com