Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC608 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC608
Description  GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
File Size   298.25 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC608 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC608_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608LC4 HITTITE-HMC608LC4 Datasheet
1Mb / 6P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
logo
Analog Devices
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC608LC4 AD-HMC608LC4 Datasheet
1Mb / 8P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
v04.0617
More results


Similar Description - HMC608_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_07 Datasheet
295Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC608LC4 HITTITE-HMC608LC4_10 Datasheet
1Mb / 6P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com