Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKD60 Datasheet (PDF) - Nell Semiconductor Co., Ltd

Part # NKD60
Description  Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
File Size   273.15 Kbytes
Html View  1   2   3   4   5 
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKD60 Datasheet (PDF) - Nell Semiconductor Co., Ltd



Similar Part No. - NKD60

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD600 NELLSEMI-NKD600 Datasheet
386Kb / 5P
Standard Diodes, 600 A
More results


Similar Description - NKD60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
MAGN-A-pak Power Modules
IRK.F200 IRF-IRK.F200 Datasheet
288Kb / 8P
MAGN-A-pak??Power Modules
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
11-Aug-08
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
05-Dec-16
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
03-Apr-2019
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
05-Jan-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com