| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9220
|
904Kb / 18P |
Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04 |
|
MAX9206
|
179Kb / 12P |
10-Bit Bus LVDS Deserializers
Rev 0; 8/01 |
|
MAX9242
|
401Kb / 22P |
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06 |
|
MAX9234
|
187Kb / 15P |
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07 |
|
MAX9248
|
195Kb / 20P |
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09 |
|
MAX9206
|
205Kb / 13P |
10-Bit Bus LVDS Deserializers
Rev 1; 12/07 |
|
MAX9210
|
194Kb / 17P |
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07 |
|
MAX9206
|
324Kb / 12P |
10-Bit Bus LVDS Deserializers
Rev 2; 11/10 |
|
MAX9248
|
211Kb / 20P |
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14 |
|
MAX9210
|
1Mb / 17P |
Programmable DC-Balance 21-Bit Deserializers
2014 |