Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6262 Datasheet (PDF) - Allegro MicroSystems

Part # A6262
Description  The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
File Size   359.05 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6262 Datasheet (PDF) - Allegro MicroSystems



Similar Part No. - A6262

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6262 ALLEGRO-A6262 Datasheet
1Mb / 16P
Automotive LED Array Driver
Rev. 10 June 3, 2022
A6262KLPTR-T ALLEGRO-A6262KLPTR-T Datasheet
1Mb / 16P
Automotive LED Array Driver
Rev. 10 June 3, 2022
A6262KLYTR-T ALLEGRO-A6262KLYTR-T Datasheet
1Mb / 16P
Automotive LED Array Driver
Rev. 10 June 3, 2022
A6262V ALLEGRO-A6262V Datasheet
1Mb / 16P
Automotive LED Array Driver
Rev. 10 June 3, 2022
A6262 ALLEGRO-A6262_V01 Datasheet
1Mb / 16P
Automotive LED Array Driver
Rev. 10 June 3, 2022
More results


Similar Description - A6262

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
Allegro MicroSystems
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6264 ALLEGRO-A6264 Datasheet
374Kb / 16P
The A6264 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
UDN2987X-6 ALLEGRO-UDN2987X-6_12 Datasheet
253Kb / 9P
Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
Choose one component from each of the colored sections to assemble a complete switch.
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
Linear LED drive up to 150 mA
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
Switching current of up to 16 A
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com