| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX97236
|
3Mb / 39P |
Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11 |
|
21-0093
|
38Kb / 1P |
PACKAGE OUTLINE, 9 BUMPS, 3*3 ARRAY, UCSP(B)PKG.
Rev M |
|
21-0104
|
40Kb / 1P |
PACKAGE OUTLINE, 12BUMPS, 3*4ARRAY, UCSP(B)PKG.
Rev G |
|
21-0542
|
52Kb / 1P |
PACKAGE OUTLINE 12 BUMPS, WLP PKG, 0.4MM PITCH
REV .C |
|
21-0548
|
47Kb / 1P |
PACKAGE OUTLINE 30 BUMPS, WLP PKG. 0.4MM PITCH
REV .D |
|
21-0576
|
56Kb / 2P |
PACKAGE OUTLINE, 20L 4*4*0.85MM QFN PKG, WITH DIMPLE LEADS
REV .A |
|
21-0577
|
55Kb / 1P |
PACKAGE OUTLINE, 28 BUMPS WLP PKG. (HIGH CURRENT) O.5MM PITCH
REV .A |
|
21-0612
|
37Kb / 1P |
PACKAGE OUTLINE, 4 BUMPS THIN WLP PKG. 0.4MM PITCH
REV .A |
|
MAX38913AEVK
|
304Kb / 8P |
Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21 |
|
MAX77839WEVKIT
|
863Kb / 10P |
Evaluates: MAX77839 in WLP Package
2021 |