Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

028381 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 028381
Description  A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
File Size   554.37 Kbytes
Html View  1   2 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

028381 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 028381

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02838 VICOR-02838 Datasheet
15Kb / 1P
TO-220 DUAL SCHOTTKY 35V RECTIFIER
logo
Wiha Tools
02838 WIHA-02838 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
logo
Vicor Corporation
02838-E VICOR-02838-E Datasheet
15Kb / 1P
TO-220 DUAL SCHOTTKY 35V RECTIFIER
More results


Similar Description - 028381

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPF02PBF VISHAY-40EPF02PBF Datasheet
204Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
04-Dec-09
40EPF10PBF VISHAY-40EPF10PBF Datasheet
244Kb / 8P
Fast Soft Recovery Rectifier Diode, 40 A
08-Jul-08
logo
List of Unclassifed Man...
068400 ETC2-068400 Datasheet
71Kb / 1P
Torque, Angle & Force Analyzer with ARCII Technology
logo
Freescale Semiconductor...
MC9S08SE8CRL FREESCALE-MC9S08SE8CRL Datasheet
200Kb / 2P
MC9S08SE8/4 Do more with less
logo
List of Unclassifed Man...
50054 ETC2-50054 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
logo
Allegro MicroSystems
ACS780XLR ALLEGRO-ACS780XLR Datasheet
1Mb / 24P
Core-less, micro-sized, 100 A continuous current package
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
Core-less, micro-sized, 100 A continuous current package
logo
Vishay Siliconix
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3_V01 Datasheet
212Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
29-Nov-2019
logo
KISTLER INSTRUMENT CORP...
9306A KISTLER-9306A Datasheet
1Mb / 5P
6-Axis Force/Torque Sensor
logo
NHP Electrical Engineer...
TAIBB405A NHP-TAIBB405A Datasheet
1Mb / 3P
CT SOLID CORE 40/5A 21mm 1VA CL3
25 March 2023,
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com