Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCP05US12 Datasheet (PDF) - XP Power Limited

Part # VCP05US12
Description  Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
File Size   368.71 Kbytes
Html View  1   2 
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCP05US12 Datasheet (PDF) - XP Power Limited



Similar Part No. - VCP05US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCP05US12 XPPOWER-VCP05US12 Datasheet
62Kb / 2P
Energy Star, CEC & EISA Compliant
More results


Similar Description - VCP05US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
Low Cost, Output Voltages from 5 to 24 V, PCB Mount
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
Universal AC input voltage
DRL-48V120W1AX DELTA-DRL-48V120W1AX Datasheet
781Kb / 15P
Universal AC input voltage
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
Universal AC input voltage
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
Universal AC input voltage
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com