Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1728307 Datasheet (PDF) - PHOENIX CONTACT

Part # 1728307
Description  PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
File Size   139.49 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1728307 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1728307

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1728300000 WEIDMULLER-1728300000 Datasheet
365Kb / 4P
S2L 3.50/36/90 3.5SN OR BX
logo
PHOENIX CONTACT
1728303 PHOENIX-1728303 Datasheet
91Kb / 4P
Printed-circuit board connector - TSPC 5/12-STF-7,62
More results


Similar Description - 1728307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1804917 ETC2-1804917 Datasheet
95Kb / 7P
Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
logo
PHOENIX CONTACT
0423014 PHOENIX-0423014 Datasheet
114Kb / 7P
Power terminal block, Connection method Screw connection, Load current
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
PLH16 PHOENIX-PLH16 Datasheet
189Kb / 6P
PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
3031322 PHOENIX-3031322 Datasheet
178Kb / 5P
Ground modular terminal block, Type of connection: Spring-cage connection, Spring-cage connection
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com