Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA380 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # OPA380
Description  > 1MHz TRANSIMPEDANCE BANDWIDTH, EXCELLENT LONG-TERM VOS STABILTY
File Size   695.2 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA380 Datasheet (PDF) - Texas Instruments



Similar Part No. - OPA380

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380 TI2-OPA380 Datasheet
655Kb / 26P
Precision, High-Speed Transimpedance Amplifier
REVISED SEPTEMBER 2007
OPA380 TI2-OPA380 Datasheet
845Kb / 26P
Precision, Low Power, 18MHz Transimpedance Amplifier
REVISED NOVEMBER 2004
OPA380 TI2-OPA380 Datasheet
1Mb / 33P
Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
REVISED JANUARY 2004
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
More results


Similar Description - OPA380

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMP1206 VISHAY-VSMP1206 Datasheet
84Kb / 2P
Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
28-Oct-04
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
Excellent long-term stability and low inductance
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
Hermetic package offers excellent long-term stability
Rev. 0
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
Excellent long term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
Excellent long term stability
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
Excellent long-term stability
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com