Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC413 Datasheet (PDF) - Vishay Siliconix

Part # SIC413
Description  microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
File Size   377.07 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - SIC413_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC413CB-T1-E3 VISHAY-SIC413CB-T1-E3 Datasheet
378Kb / 18P
microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
SIC413CB-T1-E3 VISHAY-SIC413CB-T1-E3 Datasheet
434Kb / 18P
microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
26-Oct-09
SIC413DB VISHAY-SIC413DB Datasheet
378Kb / 18P
microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
SIC413DB VISHAY-SIC413DB Datasheet
434Kb / 18P
microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
26-Oct-09
SIC413 VISHAY-SIC413_V01 Datasheet
434Kb / 18P
microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
26-Oct-09
More results


Similar Description - SIC413_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
3 A, 24 V Input, Integrated Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ3017 AOSMD-AOZ3017 Datasheet
789Kb / 14P
EZBuck??4 A Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
logo
Alpha & Omega Semicondu...
AOZ3046PI AOSMD-AOZ3046PI Datasheet
716Kb / 14P
EZBuck 4 A Synchronous Buck Regulator
logo
Vishay Siliconix
SIC413 VISHAY-SIC413_V01 Datasheet
434Kb / 18P
microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
26-Oct-09
SIC417 VISHAY-SIC417_V01 Datasheet
930Kb / 21P
microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com