Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM18F Datasheet (PDF) - Murata Manufacturing Co., Ltd.

Part # LQM18F
Description  Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
File Size   42.5 Kbytes
Html View  1 
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM18F Datasheet (PDF) - Murata Manufacturing Co., Ltd.



Similar Part No. - LQM18F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18FN100M00 MURATA-LQM18FN100M00 Datasheet
42Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00 MURATA-LQM18FN1R0M00 Datasheet
42Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
logo
Analog Devices
LQM18FN1R0M00B AD-LQM18FN1R0M00B Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
LQM18FN1R0M00B AD-LQM18FN1R0M00B Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
LQM18FN1R0M00B AD-LQM18FN1R0M00B Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
More results


Similar Description - LQM18F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN2R2M03L MURATA-LQH55DN2R2M03L Datasheet
62Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com