Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C218-6 Datasheet (PDF) - API Technologies Corp

Part # C218-6
Description  Octave Band and Broadband
File Size   291.44 Kbytes
Html View  1   2   3   4   5 
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

C218-6 Datasheet (PDF) - API Technologies Corp



Similar Part No. - C218-6

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C218-6 APITECH-C218-6 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-6 APITECH-C218-6 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C218-6 APITECH-C218-6 Datasheet
291Kb / 5P
Directional Couplers
C218-6 APITECH-C218-6 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C218-6 APITECH-C218-6 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results


Similar Description - C218-6

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407790 EXTECH-407790 Datasheet
898Kb / 18P
Real Time Octave Band Analyzer
logo
API Technologies Corp
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
QUADRATURE HYBRID MULTI-OCTAVE BAND
DC754 APITECH-DC754 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753E APITECH-DC753E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753 APITECH-DC753 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC752E APITECH-DC752E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER SPECIFICATION OCTAVE BAND
logo
RF Micro Devices
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com