Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP0212FPEX5Z01A Datasheet (PDF) - Lineage Power Corporation

Part # CLP0212FPEX5Z01A
Description  90 - 264Vac input; 12Vdc output; 200W Output Power
File Size   1475.58 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CLP0212FPEX5Z01A Datasheet (PDF) - Lineage Power Corporation



Similar Part No. - CLP0212FPEX5Z01A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLP04P040L28 ETC2-CLP04P040L28 Datasheet
907Kb / 26P
Super Capacitors To Improve Power Performance.
logo
Sumida Corporation
CLP0513 SUMIDA-CLP0513 Datasheet
94Kb / 1P
10/100 Base Pulse Transformer
CLP0608 SUMIDA-CLP0608 Datasheet
184Kb / 1P
Pulse Transformer
CLP0612 SUMIDA-CLP0612 Datasheet
228Kb / 2P
LAN Transformer< SMD Type: CLP Series>
CLP0712 SUMIDA-CLP0712 Datasheet
106Kb / 4P
LAN Transformer< SMD Type: CLP Series>
More results


Similar Description - CLP0212FPEX5Z01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
42 - 53Vdc input; 12Vdc Output; 25A output current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
36-75Vdc Input; 12Vdc Output; 20A Output Current
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
AC Input 90-264Vac
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
48Vdc Input,12Vdc 8.3A Output
logo
MicroPower Direct, LLC
LDC-185 MPD-LDC-185 Datasheet
1Mb / 4P
200W Output Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com