Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR573D Datasheet (PDF) - Rohm

Part # 2SAR573D
Description  PNP -3.0A -50V Middle Power Transistor
File Size   809.02 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR573D Datasheet (PDF) - Rohm



Similar Part No. - 2SAR573D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SAR573D ISC-2SAR573D Datasheet
276Kb / 2P
isc Silicon PNP Power Transistor
logo
Rohm
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
PNP -3.0A -50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
PNP -3.0A -50V Power Transistor
More results


Similar Description - 2SAR573D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
PNP -3.0A -30V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
PNP -3.0A -30V Middle Power Transistor
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
PNP -3.0A -50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
PNP -3.0A -50V Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com