Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4049B Datasheet (PDF) - NXP Semiconductors

Part # HEF4049B
Description  Accepts input voltages in excess of the supply voltage
File Size   141.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4049B Datasheet (PDF) - NXP Semiconductors



Similar Part No. - HEF4049B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
HEX inverting buffers
January 1995
HEF4049B NXP-HEF4049B Datasheet
73Kb / 11P
Hex inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
Hex inverting buffers
Rev. 11 - 23 June 2016
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
Hex inverting buffers
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
198Kb / 10P
Hex inverting buffers
Rev. 4 3 September 2024
More results


Similar Description - HEF4049B

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
Wide range of supply voltages
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
CLK accepts the following input levels
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317_16 Datasheet
303Kb / 6P
Output Current in Excess of 1.5 Ampere
IL317L IKSEMICON-IL317L_16 Datasheet
1Mb / 17P
Output Current in Excess of 100mA
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
Total voltage input within the range of 5 % of total voltage input.
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
logo
Maxim Integrated Produc...
MAX30034EVKIT MAXIM-MAX30034EVKIT Datasheet
908Kb / 9P
High Peak Current in Excess of 4A
Rev 0; 8/16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com