Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61082-083402LF Datasheet (PDF) - FCI connector

Part # 61082-083402LF
Description  BERGSTAK 0.8MM
File Size   473.99 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

61082-083402LF Datasheet (PDF) - FCI connector



Similar Part No. - 61082-083402LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
61082-083400LF FCI-CONNECTOR-61082-083400LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM RECEPTACLE ASSY
More results


Similar Description - 61082-083402LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB PLUG ASSY
61082-101602LF FCI-CONNECTOR-61082-101602LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM RECEPTACLE ASSY
61082-043400LF FCI-CONNECTOR-61082-043400LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM RECEPTACLE ASSY
61083-042400LF FCI-CONNECTOR-61083-042400LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB PLUG ASSY
61082-101400LF FCI-CONNECTOR-61082-101400LF Datasheet
473Kb / 6P
BERGSTAK 0.8MM
61083-084409LF FCI-CONNECTOR-61083-084409LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB
61083-122402LF FCI-CONNECTOR-61083-122402LF Datasheet
456Kb / 6P
BERGSTAK 0.8mm BTB
logo
Amphenol Communications...
10164227 AMPHENOLCS-10164227 Datasheet
1Mb / 6P
RECEPTACLE BERGSTAK 0.4MM BTB
Rev. B
10164228 AMPHENOLCS-10164228 Datasheet
264Kb / 1P
HEADER BERGSTAK 0.4MM BTB
Rev. B
logo
Amphenol Corporation
61083-064402LF AMPHENOL-61083-064402LF Datasheet
506Kb / 4P
BergStak® 0.8mm Mezzanine Connector FLEXIBLE SOLUTION FOR HIGH DENSITY APPLICATIONS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com