Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV890100 Datasheet (PDF) - ON Semiconductor

Part # NCV890100
Description  1.2A, 2MHz Automotive Buck Switching Regulator
File Size   177.98 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890100 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NCV890100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100 Datasheet
250Kb / 19P
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890100MWTXG ONSEMI-NCV890100MWTXG Datasheet
250Kb / 19P
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
More results


Similar Description - NCV890100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
3mmx3mm 2MHz 3A PWM Buck Regulator
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
3A 2MHz Integrated Switch Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1282CI AOSMD-AOZ1282CI Datasheet
728Kb / 13P
EZBuck??1.2A Simple Buck Regulator
AOZ1282DI AOSMD-AOZ1282DI Datasheet
715Kb / 13P
EZBuck??1.2A Simple Buck Regulator
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890101 ONSEMI-NCV890101 Datasheet
182Kb / 15P
1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 1
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
ON Semiconductor
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com