| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS304PX
|
218Kb / 15P |
60 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009 |
|
PBSS304PZ
|
193Kb / 14P |
60 V, 4.5 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009 |
|
PBSS301PZ
|
171Kb / 14P |
12 V, 5.7 A PNP low VCEsat (BISS) transistor
Rev. 02-17 November 2009 |
|
PBSS4041PT
|
191Kb / 15P |
60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02-9 March 2010 |
|
PBSS4041PZ
|
189Kb / 15P |
60 V, 5.7 A PNP low VCEsat (BISS) transistor
Rev. 01-31 March 2010 |
|
PBSS5160DS
|
148Kb / 14P |
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008 |
 Nexperia B.V. All right... |
PBSS4041PZ-Q
|
292Kb / 14P |
60 V, 5.7 A PNP low VCEsat transistor
21 November 2022 |
|
PBSS301PZ
|
285Kb / 15P |
12 V, 5.7 A PNP low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009 |
|
PBSS4041PZ
|
721Kb / 15P |
60 V, 5.7 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010 |
|
PBSS5260PAP
|
751Kb / 17P |
60 V, 2 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012 |