Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB_SERIES Datasheet (PDF) - Pan Jit International Inc.

Part # P6SMB_SERIES
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
File Size   246.61 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB_SERIES Datasheet (PDF) - Pan Jit International Inc.



Similar Part No. - P6SMB_SERIES_14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6SMB-28C-29 LUGUANG-P6SMB-28C-29 Datasheet
1Mb / 3P
Transient Voltage Suppressors
logo
YAGEO Corporation
P6SMB-AT YAGEO-P6SMB-AT Datasheet
517Kb / 9P
Transient Voltage Suppressors
June 30, 2023 V.4
P6SMB-AT YAGEO-P6SMB-AT Datasheet
593Kb / 7P
TRANSIENT VOLTAGE SUPPRESSORS AC/DC POWER SUPPLY
November 21, 2018 V.0
P6SMB-AT YAGEO-P6SMB-AT Datasheet
649Kb / 8P
RoHS compliant & Halogen free
February 21, 2021 V.2
P6SMB-AT YAGEO-P6SMB-AT_V01 Datasheet
593Kb / 7P
TRANSIENT VOLTAGE SUPPRESSORS AC/DC POWER SUPPLY
November 21, 2018 V.0
More results


Similar Description - P6SMB_SERIES_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
600 Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
Surface mount transient voltage suppressor power 600 watts
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
Surface mount transient voltage suppressor power 600 watts
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
Surface mount transient voltage suppressor power 600 watts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com