| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD20P06L
|
119Kb / 7P |
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6 |
|
NTHD4401P
|
66Kb / 8P |
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3 |
|
NTS4173P
|
114Kb / 6P |
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0 |
|
NTGS5120P
|
112Kb / 5P |
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0 |
|
NTS2101P
|
66Kb / 5P |
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1 |
|
NVTFS5124PL
|
127Kb / 6P |
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2 |
|
NTLUS3A18PZTCG
|
153Kb / 6P |
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3 |
|
NVD2955T4G
|
124Kb / 8P |
??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12 |
|
MTD20P03HDL
|
94Kb / 9P |
P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7 |
|
NTD2955
|
112Kb / 8P |
Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12 |