Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2241E Datasheet (PDF) - Murata Manufacturing Co., Ltd.

Part # SF2241E
Description  2595 MHz SAW Filter
File Size   844.51 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2241E Datasheet (PDF) - Murata Manufacturing Co., Ltd.



Similar Part No. - SF2241E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
2595 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2240E MURATA-SF2240E Datasheet
486Kb / 6P
2595 MHz SAW Filter
logo
RF Monolithics, Inc
SF2242B RFM-SF2242B Datasheet
895Kb / 5P
Compact 40 MHz SAW Filter Design
logo
Murata Manufacturing Co...
SF2242B MURATA-SF2242B Datasheet
895Kb / 5P
40 MHz SAW Filter
logo
RF Monolithics, Inc
SF2243A RFM-SF2243A Datasheet
320Kb / 5P
233 MHz SAW Filter
More results


Similar Description - SF2241E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
2595 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2240E MURATA-SF2240E Datasheet
486Kb / 6P
2595 MHz SAW Filter
logo
TriQuint Semiconductor
885026 TRIQUINT-885026_15 Datasheet
550Kb / 6P
2595 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1391A TAI-SAW-TA1391A Datasheet
415Kb / 8P
SAW Filter 2595 MHz
TA1236A TAI-SAW-TA1236A Datasheet
364Kb / 8P
SAW Filter 2595 MHz
TA1391B TAI-SAW-TA1391B Datasheet
408Kb / 8P
SAW Filter 2595 MHz
TA1626A TAI-SAW-TA1626A Datasheet
229Kb / 7P
SAW Filter 2595 MHz
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
2595 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2405A TAI-SAW-TA2405A Datasheet
878Kb / 10P
SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
TA2405B TAI-SAW-TA2405B Datasheet
880Kb / 10P
SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com