Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDK8 Datasheet (PDF) - Mercury United Electronics Inc

Part # HDK8
Description  HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
File Size   105.08 Kbytes
Html View  1 
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HDK8 Datasheet (PDF) - Mercury United Electronics Inc



Similar Part No. - HDK8

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HDK14 MERCURY-HDK14 Datasheet
108Kb / 1P
HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
HDK3261 MERCURY-HDK3261 Datasheet
126Kb / 1P
Ultra Small SMD seam sealed clock crystal oscillator units.
logo
EUROQUARTZ limited
HDK3261 EUROQUARTZ-HDK3261 Datasheet
144Kb / 1P
DIFFERENTIAL LVDS OSCILLATORS 3.2 x 2.5 x 1.0mm 6 pad SMD 13.50MHz to 200.0MHz
logo
Jiangsu High diode Semi...
HDK3400A HDSEMI-HDK3400A Datasheet
2Mb / 5P
SOT-23-3L Plastic-Enca p sulate MOSFET
HDK3401A HDSEMI-HDK3401A Datasheet
2Mb / 5P
SOT-23-3L Plastic-Enca p sulate MOSFET
More results


Similar Description - HDK8

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
CNS7106-D1C MICRONETICS-CNS7106-D1C Datasheet
293Kb / 2P
High Power Broadband Noise Sources 200 kHz to 12 MHz
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
Legacy 200 kHz to 2 MHz
SMN7106-D1C MICRONETICS-SMN7106-D1C Datasheet
296Kb / 3P
Surface Mount Noise Sources 200 kHz to 12 MHz
logo
TEMEX
RVX7050M TEMEX-RVX7050M Datasheet
883Kb / 9P
Ultra Low Jitter 0.05 to 0.3 ps integrated 12 kHz to 20 MHz
logo
Mercury United Electron...
HDK14 MERCURY-HDK14 Datasheet
108Kb / 1P
HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
HN53 MERCURY-HN53 Datasheet
159Kb / 1P
Femto second integrated phase jitter
HN57 MERCURY-HN57 Datasheet
159Kb / 1P
Femto second integrated phase jitter
HPQF5761 MERCURY-HPQF5761 Datasheet
144Kb / 1P
1.0 pS phase jitter ( typical )
HTQF5361 MERCURY-HTQF5361 Datasheet
140Kb / 1P
1.0 pS phase jitter ( typical )
logo
Cypress Semiconductor
CY27410 CYPRESS-CY27410 Datasheet
2Mb / 29P
RMS phase jitter: 1-ps max at 12-kHz to 20-MHz offset
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com