| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
DSS4160T
|
198Kb / 7P |
60V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 2 |
|
DSS60601MZ4
|
306Kb / 8P |
60V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 3 |
|
ZXT10P12DE6
|
438Kb / 7P |
12V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 2 |
|
ZXT10P20DE6
|
434Kb / 7P |
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 4 |
|
ZXT13P20DE6
|
196Kb / 7P |
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 3 |
|
ZXT13P40DE6
|
648Kb / 7P |
40V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 5 |
|
ZXTD09N50DE6
|
631Kb / 7P |
50V DUAL NPN LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 6 |
|
ZXTD2090E6
|
646Kb / 7P |
50V DUAL NPN LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 5 |
|
DSS4160DS
|
243Kb / 7P |
60V DUAL NPN LOW SATURATION TRANSISTOR IN SOT26
November 2013 |
|
DSS4160T
|
327Kb / 7P |
60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018 |