| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
B270
|
265Kb / 3P |
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2 |
|
B270
|
110Kb / 4P |
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2 |
|
DFLS2100
|
122Kb / 3P |
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS31475 Rev. 1 - 2 |
|
PD3S230L
|
112Kb / 5P |
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 2 |
|
PDS4150
|
214Kb / 4P |
4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 14 |
|
PDS4200H
|
520Kb / 6P |
4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 11 |
|
PDS5100
|
369Kb / 6P |
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 12 |
|
B270Q
|
420Kb / 5P |
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 1 |
|
B270AE
|
377Kb / 5P |
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 4 |
|
DFLS2100Q
|
211Kb / 5P |
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse |