Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SXF25UFG Datasheet (PDF) - Voltage Multipliers Inc.

Part # SXF25UFG
Description  High Voltage Diodes - Axial Lead 0.42A - 0.25A ??30ns - 100ns
File Size   80.45 Kbytes
Html View  1 
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SXF25UFG Datasheet (PDF) - Voltage Multipliers Inc.



Similar Part No. - SXF25UFG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SXF20FF3 VMI-SXF20FF3 Datasheet
137Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
SXF20FF3HT VMI-SXF20FF3HT Datasheet
149Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
More results


Similar Description - SXF25UFG

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
M50FF3 NJSEMI-M50FF3 Datasheet
278Kb / 1P
High Voltage Diodes -Axial Lead
logo
Voltage Multipliers Inc...
1N6838 VMI-1N6838_13 Datasheet
136Kb / 2P
High Voltage Diodes - Axial Lead 500mA - 1500mA ??30ns - 50ns ??Hermetic
M50FF3 VMI-M50FF3_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 20mA - 40mA ??30ns - 50ns ??Hermetic
M160UFGHT VMI-M160UFGHT_13 Datasheet
90Kb / 2P
High Voltage High Temp Diode - Axial Lead 10mA ??100ns
SXF20FF3 VMI-SXF20FF3 Datasheet
137Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
SXF20FF3HT VMI-SXF20FF3HT Datasheet
149Kb / 1P
High Voltage Diodes - Surface Mount 0.42A l 30ns
X20FF3 VMI-X20FF3_13 Datasheet
100Kb / 2P
High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
X25UFG VMI-X25UFG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??100ns ??Hermetic
Z20FF3 VMI-Z20FF3_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 180mA - 1000mA ??30ns - 50ns ??Hermetic
Z25UFG VMI-Z25UFG_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??100ns ??Hermetic
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com