| Manufacturer | Part # | Datasheet | Description |
 Integrated Technology F... |
211002B
|
171Kb / 2P |
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01 |
|
220501B
|
189Kb / 2P |
Typical 1dB bandwidth of 5.4 MHz
Rev 1.0 2013. 09. 12 |
|
220954B
|
206Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 25 |
|
221451B
|
208Kb / 2P |
Typical 1dB bandwidth of 14.35 MHz
Rev 1.0 2010. 09.14 |
|
230952B
|
194Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06 |
|
250918B
|
186Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2011. 06. 27 |
|
250919B
|
181Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2011. 08. 25 |
|
250927B
|
168Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
|
|
250959B
|
189Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 05. 06 |
|
250962B
|
175Kb / 2P |
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 27 |