Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130146-0010 Datasheet (PDF) - Molex Electronics Ltd.

Part # 130146-0010
Description  Watertite Plug, 4 Pole/5 Wire, NEMA 5-15
File Size   31.21 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130146-0010 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 130146-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0012 MOLEX11-130146-0012 Datasheet
48Kb / 1P
Watertite Plug, 2 Pole/2 Wire, NEMA 1-15, 125V, Cord Grip Body Size F2
130146-0015 MOLEX11-130146-0015 Datasheet
57Kb / 1P
Watertite Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130146-0016 MOLEX11-130146-0016 Datasheet
50Kb / 1P
Watertite Cordset 16 Gauge SOOW, 3 Pole/3 Wire
130146-0017 MOLEX11-130146-0017 Datasheet
31Kb / 1P
Watertite Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
More results


Similar Description - 130146-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0031 MOLEX11-130146-0031 Datasheet
41Kb / 1P
Watertite Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
130146-0035 MOLEX11-130146-0035 Datasheet
38Kb / 1P
Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
130146-0116 MOLEX11-130146-0116 Datasheet
47Kb / 1P
Watertite Plug with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
130147-0031 MOLEX11-130147-0031 Datasheet
62Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire
130147-0085 MOLEX11-130147-0085 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/5 Wire
1301440036 MOLEX11-1301440036 Datasheet
37Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
1301460010 MOLEX11-1301460010 Datasheet
33Kb / 1P
Watertite Plug, 4 Pole/5 Wire, NEMA 5-15
1301460031 MOLEX11-1301460031 Datasheet
34Kb / 1P
Watertite Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Cord Grip Body Size F2
1301460035 MOLEX11-1301460035 Datasheet
39Kb / 1P
Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
1301460116 MOLEX11-1301460116 Datasheet
40Kb / 1P
Watertite Plug with Single Flip Coverplate, 2 Pole/3 Wire, NEMA 5-15, 125V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com