Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130147-0072 Datasheet (PDF) - Molex Electronics Ltd.

Part # 130147-0072
Description  Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V, Cord Grip
File Size   50.29 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130147-0072 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 130147-0072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0071 MOLEX11-130147-0071 Datasheet
40Kb / 1P
Watertite Plug with Locking Blade, 4 Pole/4 Wire
130147-0073 MOLEX11-130147-0073 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Plug with Locking Blade, 2 Pole/3 Wire
130147-0074 MOLEX11-130147-0074 Datasheet
41Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V, Cord Grip Body Size F4
130147-0075 MOLEX11-130147-0075 Datasheet
42Kb / 1P
Watertite Extra Hard Outdoor Plug, 2 Pole/3 Wire
130147-0076 MOLEX11-130147-0076 Datasheet
40Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire
More results


Similar Description - 130147-0072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130146-0099 MOLEX11-130146-0099 Datasheet
38Kb / 1P
Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V, Cord Grip Body Size F2
130147-0044 MOLEX11-130147-0044 Datasheet
38Kb / 1P
Watertite Plug with Locking Blade Connector, 2 Pole/3 Wire, NEMA L5-20, 125V,Cord Grip Body Size F3
130145-0048 MOLEX11-130145-0048 Datasheet
42Kb / 1P
Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
130146-0083 MOLEX11-130146-0083 Datasheet
42Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301450048 MOLEX11-1301450048 Datasheet
35Kb / 1P
Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
1301470093 MOLEX11-1301470093 Datasheet
41Kb / 1P
Watertite Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
1301460082 MOLEX11-1301460082 Datasheet
33Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301460083 MOLEX11-1301460083 Datasheet
35Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301470018 MOLEX11-1301470018 Datasheet
34Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V,
1301470072 MOLEX11-1301470072 Datasheet
42Kb / 1P
Watertite Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com