| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV8715
|
908Kb / 20P |
50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4 |
|
NCP715
|
952Kb / 20P |
50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2 |
|
NCP716
|
666Kb / 17P |
80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1 |
|
NCP715
|
960Kb / 20P |
50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4 |
|
NCP716
|
662Kb / 18P |
80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4 |
|
NCV8716
|
668Kb / 17P |
80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5 |
|
NCP716B
|
250Kb / 8P |
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0 |
|
NCV8718
|
238Kb / 7P |
300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0 |
|
NCP716B
|
252Kb / 8P |
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1 |
|
NCP716BC
|
769Kb / 9P |
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3 |