| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN1R2-30YLC
|
351Kb / 15P |
N-channel 30 V 1.25m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-3 May 2011 |
|
PSMN3R7-30YLC
|
354Kb / 15P |
N-channel 30 V 3.95m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011 |
|
PSMN1R5-30YLC
|
355Kb / 15P |
N-channel 30 V 1.55m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-17 May 2011 |
|
PSMN2R6-30YLC
|
351Kb / 15P |
N-channel 30 V 2.8m logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011 |
 Nexperia B.V. All right... |
PSMN1R2-30YLC
|
931Kb / 15P |
N-channel 30 V 1.25mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 1 - 3 May 2011 |
|
PSMN2R2-30YLC
|
934Kb / 15P |
N-channel 30 V 2.15mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 02 - 3 May 2011 |
|
PSMN2R6-30YLC
|
931Kb / 15P |
N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011 |
|
PSMN3R2-30YLC
|
933Kb / 15P |
N-channel 30 V 3.5mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011 |
|
PSMN3R7-30YLC
|
467Kb / 16P |
N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011 |
|
PSMN4R1-30YLC
|
750Kb / 14P |
N-channel 30 V 4.35mΩ logic level MOSFET in LFPAK using NextPower technology
12 February 2013 |