Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS534_V1 Datasheet (PDF) - Hexawave, Inc

Part # HWS534_V1
Description  GaAs 0.5-3.0 GHz SP3T Switch
File Size   88.9 Kbytes
Html View  1   2   3 
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS534_V1 Datasheet (PDF) - Hexawave, Inc



Similar Part No. - HWS534_V1

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
GaAs 0.5-6 GHz SPDT Terminated Switch
HWS532 HW-HWS532 Datasheet
68Kb / 4P
No external DC blocking capacitors required
HWS537 HW-HWS537 Datasheet
54Kb / 3P
No external DC blocking capacitors required
More results


Similar Description - HWS534_V1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS520_V1 HW-HWS520_V1 Datasheet
61Kb / 3P
GaAs 0.5-6.0 GHz SP3T Switch
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
GaAs 0.5-3.0 GHz SPDT Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com