| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
TCP-3112H
|
227Kb / 7P |
Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3 |
|
TCP-3118H
|
124Kb / 7P |
Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3 |
|
TCP-4112UB
|
231Kb / 7P |
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0 |
|
TCP-3027HA
|
182Kb / 7P |
Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2 |
|
TCP-3033N
|
224Kb / 7P |
3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1 |
|
TCP-3133H
|
209Kb / 7P |
3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3 |
|
TCP-3139H
|
217Kb / 7P |
3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2 |
|
TCP-4139UB
|
239Kb / 7P |
3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0 |
|
TCP-3068N
|
243Kb / 7P |
6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0 |
|
TCP-3127H
|
233Kb / 7P |
2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3 |