| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
TCP-3039H
|
353Kb / 9P |
3.9 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2 |
|
TCP-3033N
|
224Kb / 7P |
3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1 |
|
TCP-3133H
|
209Kb / 7P |
3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3 |
|
TCP-3139H
|
217Kb / 7P |
3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2 |
|
TCP-4139UB
|
239Kb / 7P |
3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0 |
|
TCP-3068N
|
243Kb / 7P |
6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0 |
|
TCP-3127H
|
233Kb / 7P |
2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3 |
|
TCP-3156H
|
217Kb / 7P |
5.6 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2 |
|
TCP-4168UB
|
238Kb / 7P |
6.8 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0 |
|
TCP-5039UB
|
230Kb / 7P |
3.9 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0 |