Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812HC223K4T4A Datasheet (PDF) - AVX Corporation

Part # 1812HC223K4T4A
Description  For 600V to 3000V Automotive Applications
File Size   78.21 Kbytes
Html View  1   2 
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1812HC223K4T4A Datasheet (PDF) - AVX Corporation



Similar Part No. - 1812HC223K4T4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812HC223K-4T1A AVX-1812HC223K-4T1A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1812HC223K-4T3A AVX-1812HC223K-4T3A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1812HC223K-4Z1A AVX-1812HC223K-4Z1A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1812HC223K-4Z3A AVX-1812HC223K-4Z3A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
More results


Similar Description - 1812HC223K4T4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808GC102KAT1A AVX-1808GC102KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
0805 AVX-0805 Datasheet
57Kb / 2P
For 600V to 3000V Applications
1825 AVX-1825 Datasheet
134Kb / 2P
For 600V to 5000V Applications
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
1206AC472KAT1A AVX-1206AC472KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1210GC222KAT1A AVX-1210GC222KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812AC223KAT1A AVX-1812AC223KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812HC471KAT1A AVX-1812HC471KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
logo
Nell Semiconductor Co.,...
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A_17 Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com