Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR263S Datasheet (PDF) - Sanken electric

Part # NR263S
Description  Light Load High Efficiency Synchronous Buck Regulator IC
File Size   1130.66 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

NR263S Datasheet (PDF) - Sanken electric



Similar Part No. - NR263S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results


Similar Description - NR263S

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
15A High Efficiency Point of Load Synchronous Buck Regulator
logo
Sipex Corporation
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
12A High Efficiency Synchronous Point of Load Buck Regulator
logo
Sanken electric
NR110E SANKEN-NR110E Datasheet
658Kb / 14P
Light Load High Efficiency, 31V, Buck Regulator
NR110K SANKEN-NR110K Datasheet
693Kb / 13P
Light Load High Efficiency, 31V, Buck Regulator
logo
Exar Corporation
SP6654 EXAR-SP6654 Datasheet
189Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
logo
Sanken electric
NR264S SANKEN-NR264S Datasheet
913Kb / 21P
Light Load High Efficiency Synchronous Rectification Buck Converter IC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com