Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-011146-STR500 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAAP-011146-STR500
Description  Power Amplifier, 2 W
File Size   1081.92 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011146-STR500 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAAP-011146-STR500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011140-DIE MA-COM-MAAP-011140-DIE Datasheet
930Kb / 12P
Power Amplifier, 6 W
MAAP-011145 MA-COM-MAAP-011145 Datasheet
1Mb / 9P
Integrated Power Detector
MAAP-011145-001SMB MA-COM-MAAP-011145-001SMB Datasheet
1Mb / 9P
Integrated Power Detector
MAAP-011145-TR0500 MA-COM-MAAP-011145-TR0500 Datasheet
1Mb / 9P
Integrated Power Detector
More results


Similar Description - MAAP-011146-STR500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
DCS/PCS 2 W power amplifier
1997 Apr 03
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
3 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
10 W 2-Channel Power Amplifier
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
2 Power Amplifier 18 W
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
2-W MONO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
Power Amplifier, 2 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com