Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6141EVB Datasheet (PDF) - Exar Corporation

Part # XRP6141EVB
Description  35A Synchronous Step Down COT Controller
File Size   1300.84 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6141EVB Datasheet (PDF) - Exar Corporation



Similar Part No. - XRP6141EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141EVB EXAR-XRP6141EVB Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
More results


Similar Description - XRP6141EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
40V Synchronous Step Down COT Controller
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
8A and 12A Synchronous Step Down COT Regulator
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
15A Synchronous Step Down COT Regulator
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
22V, 3A Synchronous Step-Down COT Power Module
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
40V, 6A Synchronous Step-Down COT Power Module
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com