| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
MC100EP91
|
168Kb / 10P |
2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1 |
|
MC10EP90
|
136Kb / 9P |
??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6 |
|
MC100EL91
|
111Kb / 6P |
5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6 |
|
MC100LVEL90
|
112Kb / 6P |
??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11 |
|
MC100LVEL91
|
111Kb / 6P |
3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10 |
|
MC100EL90
|
147Kb / 6P |
-3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4 |
|
MC100EPT25
|
166Kb / 8P |
-3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17 |
|
MC100LVEL90
|
149Kb / 5P |
-3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12 |
|
MC100LVELT20
|
135Kb / 6P |
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1 |
|
NB100LVEP91
|
182Kb / 11P |
2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19 |