Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

177920531 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 177920531
Description  Current capability up to 0.2A
File Size   1274.26 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

177920531 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.



Similar Part No. - 177920531

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
177920531 WURTH-177920531 Datasheet
1Mb / 22P
Output voltage: 5V unregulated
177920531 WURTH-177920531 Datasheet
1Mb / 22P
Current capability up to 0.2A
177920531 WURTH-177920531 Datasheet
953Kb / 24P
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1779205311 WURTH-1779205311 Datasheet
2Mb / 36P
WPME-FISM - Fixed Isolated SIP/SMT Module 3.3V, 5V, 12V or 24V Input Voltage / 1W / 1.5kV Functional Isolated Unregulated 5V Output
version 2.0
More results


Similar Description - 177920531

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
High Current Capability
logo
Rohm
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
0.2A, 0.5A Current Load Switch ICs
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
High current capability
logo
Wurth Elektronik GmbH &...
177920511 WURTH-177920511 Datasheet
1Mb / 22P
Current capability up to 0.2A
177920501 WURTH-177920501 Datasheet
1Mb / 22P
Current capability up to 0.2A
logo
Hongfa Technology
HFKM HONGFA-HFKM_17 Datasheet
62Kb / 4P
Switching capability up to 20A
logo
TE Connectivity Ltd
250 TEC-250 Datasheet
299Kb / 3P
High peak current carrying capability up to 6000A
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
High current capability
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com