Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBT71210PU Datasheet (PDF) - Cynergy3 Co

Part # DBT71210PU
Description  UL Approved Normally Closed, High Voltage Relays - 10kV
File Size   277.82 Kbytes
Html View  1   2 
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DBT71210PU Datasheet (PDF) - Cynergy3 Co



Similar Part No. - DBT71210PU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBT71210P ETC2-DBT71210P Datasheet
1Mb / 2P
high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DBT71210P CYNERGY3-DBT71210P Datasheet
258Kb / 2P
High Voltage relays 10kV & 15kV
More results


Similar Description - DBT71210PU

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
logo
IXYS Corporation
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
logo
GETAI ELECTRONICS DEVIC...
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
High Insulation Resistance, High Voltage Relays -10kV and 15kV
DAT71210F CYNERGY3-DAT71210F Datasheet
258Kb / 2P
High Voltage relays 10kV & 15kV
DAUL CYNERGY3-DAUL Datasheet
277Kb / 2P
UL Approved, Normally Open, High Voltage Relays - 10kV
S8UL CYNERGY3-S8UL Datasheet
312Kb / 1P
UL Approved Miniature High Voltage Relay
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
logo
Cynergy3 Co
S8-HR CYNERGY3-S8-HR Datasheet
153Kb / 1P
UL Approved* Miniature High Voltage Relay with High Insulation Resistance
logo
Littelfuse
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com