Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAT71215F Datasheet (PDF) - Cynergy3 Co

Part # DAT71215F
Description  High Voltage relays 10kV & 15kV
File Size   258.03 Kbytes
Html View  1   2 
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

DAT71215F Datasheet (PDF) - Cynergy3 Co



Similar Part No. - DAT71215F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAT71215F ETC2-DAT71215F Datasheet
1Mb / 2P
high voltage reed relays 15kV, 50W
logo
Cynergy3 Co
DAT71215F-HR CYNERGY3-DAT71215F-HR Datasheet
215Kb / 2P
High Insulation Resistance, High Voltage Relays -10kV & 15kV
More results


Similar Description - DAT71215F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAT72415F ETC2-DAT72415F Datasheet
1Mb / 2P
high voltage reed relays 15kV, 50W
logo
Extech Instruments Corp...
380385 EXTECH-380385 Datasheet
214Kb / 8P
10KV Digital High Voltage Insulation Tester
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
logo
DB Lectro Inc
130D DBLECTRO-130D Datasheet
541Kb / 2P
High breakdown voltage 10KV/15KV
133D DBLECTRO-133D Datasheet
541Kb / 2P
High breakdown voltage 10KV/15KV
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
High Insulation Resistance, High Voltage Relays -10kV and 15kV
DAUL CYNERGY3-DAUL Datasheet
277Kb / 2P
UL Approved, Normally Open, High Voltage Relays - 10kV
DBUL CYNERGY3-DBUL Datasheet
277Kb / 2P
UL Approved Normally Closed, High Voltage Relays - 10kV
logo
GETAI ELECTRONICS DEVIC...
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
10mA 10kV 100nS-- High Voltage Diodes
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com