Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33DSMT1-E15SNCT Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 33DSMT1-E15SNCT
Description  Rated current : 5A max
File Size   128.29 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

33DSMT1-E15SNCT Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 33DSMT1-E15SNCT

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
33D-7 YINT-33D-7 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
33D-7 LEIDITECH-33D-7 Datasheet
3Mb / 24P
NTC Specification
33D-7 LEIDITECH-33D-7 Datasheet
2Mb / 24P
NTC Specification
logo
Shanghai Yint Electroni...
33D-9 YINT-33D-9 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
33D-9 LEIDITECH-33D-9 Datasheet
3Mb / 24P
NTC Specification
More results


Similar Description - 33DSMT1-E15SNCT

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KNH10 KSS-KNH10 Datasheet
160Kb / 3P
0402 Size. Rated current up to 2A MAX.
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
0805 Size. Rated current up to 6A MAX
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907 Datasheet
167Kb / 1P
Rated DC Current 5.0A Max
logo
Mallory Sonalert Produc...
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
Current Consumption (mA/max) 10 at Rated Voltage
PT-2735FPQ MSPI-PT-2735FPQ Datasheet
89Kb / 1P
Current Consumption Max. (mA) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
Current Consumption Max. (mA) 8.0 at Rated Voltage
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
5A Output Current
Rev 0; 5/09
logo
Weidmuller
1482050000 WEIDMULLER-1482050000 Datasheet
868Kb / 3P
Primary current: 250 A, Secondary current max.: 5A
logo
TiMOTION Technology Co....
TC23 TIMOTION-TC23 Datasheet
380Kb / 4P
Max. output 24V DC, 5A
20210302-E
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com