Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA044TUB Datasheet (PDF) - Rohm

Part # DTA044TUB
Description  PNP -60mA -50V Digital Transistor
File Size   1326.17 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA044TUB Datasheet (PDF) - Rohm



Similar Part No. - DTA044TUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA044TUB ROHM-DTA044TUB Datasheet
399Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
More results


Similar Description - DTA044TUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114EC ROHM-DTB114EC Datasheet
914Kb / 8P
PNP -500mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA144ECA ROHM-DTA144ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA114WUA ROHM-DTA114WUA Datasheet
1,023Kb / 8P
PNP -100mA -50V Digital Transistor
DTA114Y ROHM-DTA114Y Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
PNP -100mA -50V Digital Transistor
DTC044T ROHM-DTC044T Datasheet
1Mb / 9P
NPN 60mA 50V Digital Transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com