| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
MAX32
|
1Mb / 20P |
Board Reference Manual
|
 Maxim Integrated Produc... |
MAX2838EVKIT
|
1Mb / 13P |
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 0; 7/08 |
|
MAX2837EVKIT
|
1Mb / 11P |
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 2; 1/16 |
|
MAX2831EVKIT
|
2Mb / 13P |
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16 |
|
MAX2830EVKIT
|
2Mb / 14P |
On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 3; 1/16 |
|
MAX2828EVKIT
|
5Mb / 13P |
On-Board Line Drivers and Voltage Reference
Rev 4; 1/16 |
|
MAX19692EVKIT
|
974Kb / 16P |
On-Board 1.25V Reference Circuitry
Rev 3; 10/20 |
|
MAX101AEVKIT
|
198Kb / 16P |
On-Board Reference Generator/Buffer
Rev 1; 7/96 |
|
MAX3674EVKIT
|
621Kb / 10P |
On-Board 16MHz Crystal Reference
Rev 0; 5/08 |
|
MAX11300EVKIT
|
8Mb / 32P |
Optional 2.5V On-Board Reference (MAX6071)
Rev 1; 1/15 |