Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-VSKJS440 Datasheet (PDF) - Vishay Siliconix

Part # VS-VSKJS440
Description  ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
File Size   140.54 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKJS440 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - VS-VSKJS440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKJS440 VISHAY-VS-VSKJS440 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-VSKJS440-030 VISHAY-VS-VSKJS440-030 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
VS-VSKJS440 VISHAY-VS-VSKJS440_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 440 A
03-May-17
More results


Similar Description - VS-VSKJS440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKCS200 VISHAY-VS-VSKCS200 Datasheet
178Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
17-Jun-14
VS-VSKCS201 VISHAY-VS-VSKCS201 Datasheet
756Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
28-Sep-15
VS-VSKCS400 VISHAY-VS-VSKCS400 Datasheet
941Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
28-Sep-15
VS-VSKCS401 VISHAY-VS-VSKCS401 Datasheet
908Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
28-Sep-15
VS-VSKCS408 VISHAY-VS-VSKCS408 Datasheet
931Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
28-Sep-15
VS-VSKCS440 VISHAY-VS-VSKCS440 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 440 A
28-Sep-15
VS-VSKDS201 VISHAY-VS-VSKDS201 Datasheet
176Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 100 A
23-May-16
VS-VSKDS408 VISHAY-VS-VSKDS408 Datasheet
968Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
28-Sep-15
VS-VSKJS409 VISHAY-VS-VSKJS409 Datasheet
136Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 400 A
21-Mar-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com