Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTOUTC0565 Datasheet (PDF) - Teledyne Technologies Incorporated

Part # UTOUTC0565
Description  High Efficiency, Class A, 1 Watt Amplifier 10 to 500 MHz
File Size   134.25 Kbytes
Html View  1   2   3   4 
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC0565 Datasheet (PDF) - Teledyne Technologies Incorporated



Similar Part No. - UTOUTC0565

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC0561 TELEDYNE-UTOUTC0561 Datasheet
194Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
More results


Similar Description - UTOUTC0565

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A55 MA-COM-A55 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
A57 MA-COM-A57 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MA-COM-PA511 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
API Delevan
QB-840 API-QB-840 Datasheet
505Kb / 2P
1 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
logo
M/A-COM Technology Solu...
A515 MA-COM-A515_15 Datasheet
713Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
Teledyne Technologies I...
CTO0565 TELEDYNE-CTO0565 Datasheet
108Kb / 4P
High Efficiency, Class A, 1 Watt Amplifier 10 to 500 MHz
CTO1065 TELEDYNE-CTO1065 Datasheet
109Kb / 4P
High Efficiency, Class A, 1 Watt Amplifier 10 to 1000 MHz
UTOUTC1065 TELEDYNE-UTOUTC1065 Datasheet
142Kb / 6P
High Efficiency, Class A, 1 Watt Amplifier 10 to 1000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com