| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFS4851N
|
117Kb / 6P |
Power MOSFET 30V 66A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3 |
|
NTMFS4847N
|
116Kb / 6P |
Power MOSFET 30V 85A Single N-Channel, SO-8FL
May, 2012 ??Rev. 3 |
|
NTMFS4845N
|
117Kb / 6P |
Power MOSFET 30V 115A Single N-hannel, SO-8FL
May, 2012 ??Rev. 3 |
|
NTMFS4841N
|
125Kb / 7P |
Power MOSFET 30V 57A Single N-Channel, SO-8FL
May, 2012 ??Rev. 8 |
|
NTMFS4834N
|
144Kb / 6P |
Power MOSFET 30V 130A Single N-Channel, SO-8FL
May, 2012 ??Rev. 6 |
|
NTMFS4833N
|
121Kb / 7P |
Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10 |
|
NTMFS4821N
|
146Kb / 7P |
Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4 |
|
NVTFS4C02N
|
146Kb / 7P |
MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0 |
|
NVMFS016N06C
|
189Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 15.6 m, 33 A
January, 2020?뭃ev. 0 |
|
NVMFS020N06C
|
187Kb / 7P |
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0 |